PART |
Description |
Maker |
75AP36-01-1-06N 75CP36-01-1-06N 75CF36-01-1-08N 75 |
0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
50K60-01-1-03N 51K30-01-1-08N 51K30-01-1-06N |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT
|
Grayhill, Inc. GRAYHILL INC
|
IP3945-108-1S IP3945-108-2S IP3945-108-6S IP3945-1 |
ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 1A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROTARY SWITCH-8POSITIONS, DP8T, LATCHED, 1A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, DP12T, LATCHED, 1A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, 4P8T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED
|
Cole Instrument, Corp. COLE INSTRUMENT CORP
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
R50-CPCB36-01106S-S R50-CPCA36-01106S-S R50-CACA36 |
ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
24878-10N 24001-08S 24001-09S 24001-02 |
1 in Diameter, 1 Amp, Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED Positive Detent Provides Operator Feedback
|
Grayhill, Inc. GRAYHILL INC
|
04-4431 06-4433 04-4103 04-1104-20 04-3341 |
ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 1.5A, 1VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, 4P24T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 2A, 2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, 9P4T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED
|
ELMA ELECTRONIC INC
|
HMC172QS24 |
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
|
Hittite Microwave Corporation
|
UPG2417T6M |
GaAs Integrated Circuit SP6T Switch
|
Renesas
|
SW-284-PIN |
GaAs Matched SP6T Switch DC - 2 GHz
|
M/A-COM Technology Solutions, Inc.
|
HMC252QS24E HMC252QS2408 |
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
|
Hittite Microwave Corporation
|
NJG1634LK5 |
SP6T ANTENNA SWITCH GaAs MMIC / LCSP16-K5
|
JRC
|
|